PART |
Description |
Maker |
1S8 1S10 |
1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere)
|
Pan Jit International Inc. Pan Jit International I...
|
1S2 |
1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere)
|
Panjit International Inc
|
1N5817 |
1 AMPERE SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere)
|
Pan Jit International Inc.
|
1N5819 1N5817 1N5818 |
IC ENCORE XP MCU FLASH 4K 28SOIC 1安培肖特基电 200伏特,电一点?安 MDSTBV 2,5/ 3-G-5,08 1 AMPERE SCHOTTKY BARRIER RECTIFIERS VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere
|
Surge Components, Inc. SURGE[Surge Components]
|
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
1N5820 1N5822 1N5821 |
3 AMPERE SCHOTTKY BARRIER RECTIFIERS VOLTAGE - 20 to 40 Volts CURRENT - 3.0 Ampere Through-Hole Schottky Rectifiers
|
Diodes SURGE[Surge Components] Surge Components, Inc.
|
MJD47 MJD47T4 MJD50 ON2006 MJD50-1 MJD50T4 MJD47-1 |
NPN SILICON POWER TRANSISTORS 1 AMPERE 250 / 400 VOLTS 15 WATTS NPN SILICON POWER TRANSISTORS 1 AMPERE 250, 400 VOLTS 15 WATTS 1 A, 400 V, NPN, Si, POWER TRANSISTOR From old datasheet system NPN SILICON POWER TRANSISTORS 1 AMPERE 250 400 VOLTS 15 WATTS DPAK For Surface Mount Applications
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] ON Semiconductor
|
MJH6284 MJH6287 MJH6282 MJH6283 MJH6285 MJH6286 |
Supplementary protector; Current Rating:25A; No. of Poles:2; Mounting Type:DIN Rail RoHS Compliant: Yes DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 / 80 / 100 VOLTS 160 WATTS DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80, 100 VOLTS 160 WATTS
|
Motorola, Inc. MOTOROLA[Motorola, Inc]
|
FEP16JTA FEP16BTA FEP16JTD FEP16AT FEP16ATA FEP16A |
16 Ampere Glass Passivated Super Fast Rectifiers 16 Ampere Glass Passivated Super Fast Rectifiers 16 A, 500 V, SILICON, RECTIFIER DIODE, TO-220AB 16 Ampere Glass Passivated Super Fast Rectifiers 16 A, 300 V, SILICON, RECTIFIER DIODE, TO-220AB 16 Ampere Glass Passivated Super Fast Rectifiers 16 A, 50 V, SILICON, RECTIFIER DIODE, TO-220AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
GBU4D GBU4M GBU4K GBU4G GBU4B GBU4J GBU4A |
4.0 Ampere Bridge Rectifiers
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
2KBP005M_3N253 2KBP01M_3N254 2KBP02M_3N255 2KBP04M |
2.0 Ampere Bridge Rectifiers
|
Fairchild Semiconductor
|